Part Number Hot Search : 
RS0204 3PR5K D366KS 13F62 EM4444 MMBZ5227 6DAF1 02111
Product Description
Full Text Search
 

To Download D48-200600-A000G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d48 euro wall mount 7 - 14 watts series features 230 vac input european wall plug in style rated for continuous duty filtered unregulated outputs up to 12 watts safety agency approved/ce compliant impact resistant polycarbonate enclosure private label mar king available 1 year warranty modified and custom designs also available manufactured in china ault model voltage dc minimum current - amps maximum current - amps maximum watts d48 - 051800 - a000g d48 - 061500 - a000g d48 - 071300 - a000g d48 - 081200 - a000g d48 - 091 000 - a000g d48 - 100900 - a000g d48 - 120600 - a000g d48 - 120800 - a000g d48 - 121000 - a000g d48 - 140600 - a000g d48 - 150500 - a000g d48 - 151000 - a000g d48 - 180600 - a000g d48 - 200600 - a000g d48 - 220500 - a000g d48 - 240500 - a000g d48 - 240600 - a000g 5 6 7 8 9 10 12 12 12 14 15 15 18 20 2 2 24 24 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1.80 1.50 1.30 1.20 1.00 0.90 0.60 0.80 1.00 0.60 0.50 1.00 0.60 0.60 0.50 0.50 0.60 9.00 9.00 9.00 9.60 9.00 9.60 7.20 9.60 12.0 8.40 7.50 15.0 10.8 12.0 11.0 12.0 14.4 input voltage 230 vac line frequency 50 hz connector euro wall plug, no ground electrical topology dc unregulated power supply dielectric withstand 3000 vac primary - secondary protection current, thermal or energy limiting emi complies with emc directives ce ce compliant safety approval s en60950 one year warranty environmental operating temperature 5 to 40 c with no derating **this model only 0 - 50 c. storage temperature - 30 to +85 c relative humidity altitude 5% to 95% non - condensing 0 - 10,000 feet cooling convectional - no n vented case mechanical case dimensions d48 - euro wall plug 3.2 l x 2.2 w x 2.0 h (in) 81 l x 55 w x 48 h (mm) case material black 94 v1 polycarbonate weight cord and connector 18 ounces, 525 grams, (excluding cord) 6 ft., 2 conductor, 22 - 24 awg ault #3 connector other connectors available ault incorporated, 7105 northland terrace, minneapolis, mn 55428 contact ault inc. for all your custom design requirements. phone: 763.592.1900 fax 763.592.1911


▲Up To Search▲   

 
Price & Availability of D48-200600-A000G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X